PART |
Description |
Maker |
P0102BL P0102BL5AA4 P0102BL-5AA4 |
0.25A SCRs
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
TYN1225 TYN1225I TYN825 TYN825I TYN625 TYN625I |
25A SCRs
|
JIEJIE MICROELECTRONICS CO.,Ltd
|
25PT06AI-D 25PT06AD 25PT08A 25PT08AD 25PT10AID 25P |
Stansard SCRs, 25A
|
Nell Semiconductor Co., Ltd
|
BTW67-1200RG BTW67-600RG BTW67-800RG BTW69-800RG B |
BTW67 and BTW69 Series 50A SCRS 50A standard SCRs
|
http:// STMicroelectronics ST Microelectronics
|
25RIA160 25RIA80S90 25RIA 25RIA10 25RIA100 25RIA10 |
800V 25A Phase Control SCR in a TO-208AA (TO-48) package 1400V 40A Phase Control SCR in a TO-208AA (TO-48) package 1200V 25A Phase Control SCR in a TO-208AA (TO-48) package 1000V 25A Phase Control SCR in a TO-208AA (TO-48) package 100V 25A Phase Control SCR in a TO-208AA (TO-48) package 600V 25A Phase Control SCR in a TO-208AA (TO-48) package 400V 25A Phase Control SCR in a TO-208AA (TO-48) package 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
BZX55B27 BZX55B8V2 BZX55B BZX55B15 BZX55B3V9 BZX55 |
Silicon Epitaxial Planar Z-Diodes 硅外延平面的Z -二极 12A SCRS 硅外延平?iodes 8A SCRS 硅外延平?iodes From old datasheet system
|
Vishay Intertechnology, Inc. Fairchild Semiconductor, Corp. Vishay Telefunken VISAY[Vishay Siliconix]
|
BZX399-C8V2/T1 BZX399-C2V7/T1 BZX399-C2V4/T1 BZX39 |
0.25A SCRS 二极管稳00MW机组 12A SCRS 二极管稳00MW机组 0.8A SCRS 二极管稳00MW机组 15 V, 0.3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 1.8 V, 0.3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 12 V, 0.3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 20 V, 0.3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 27 V, 0.3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
NXP Semiconductors N.V.
|
LT1572 |
100kHz, 1.25A Switching Regulator with Catch Diode(100kHz, 1.25A 开关稳压器(带箝位二极管
|
Linear Technology Corporation
|
MIP0210SP |
ISOLATOR 3P 25AISOLATOR 3P 25A; Poles, No. of:3; Current rating:25A; Configuration, contact:1 N/O 1 N/C; Depth, external:169mm; IP rating:IP55; Length / Height, external:174mm; Material:Steel; Power, switching AC3 max:5.5kW; Width, Silicon MOS IC
|
PANASONIC CORP Panasonic Semiconductor
|
3PF0 3PF8 |
RECTIFIER, up to 1kV, 3.25A, 300ns 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 轴向快速恢复整流800 1000五,木卫一\u003d 3.25 Axialleaded Hermetically Sealed Fast Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.25A,快速恢复整流二极管) Axialleaded Hermetically Sealed Fast Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.25A,快速恢复整流二极管)
|
Semtech, Corp. Semtech Corporation
|
GB301A GA300 GA300A GA301 GA301A GB300 GB300A GB30 |
SCRs Commercial Nanosecond Switching Planar SCRs Commercial Nanosecond Switching Planar 9.42 A, 60 V, SCR, TO-59 SCRs Commercial Nanosecond Switching Planar 9.42 A, 100 V, SCR, TO-59
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
HIP0051 HIP0051IB |
Potentiometer; Series:CCU; Track Resistance:10kohm; Power Rating:2W; Operating Temperature Range:-55 C to 120 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Mechanical Angle/Rotation:312 RoHS Compliant: Yes 0.25A/50V八路低端功率驱动器,带有串行总线控制 0.25A/50V Octal Low Side Power Driver with Serial Bus Control
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|